Part Number Hot Search : 
NCS2566 GBJ608 ICL7611 JMS578 SMA13 2424D 20501 20501
Product Description
Full Text Search
 

To Download AST14P1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AST
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Dielectric Strength Insulation Resistance Operating Temperature Storage Temperature 5A @ 120VAC, 28VDC; 2A @ 250VAC See Contact Options 30,000 cycles typical < 20 m max initial @ 2-4VDC, 100mA 1500Vrms min > 100M min -40C to 85C -40C to 85C
MATERIALS RoHS COMPLIANT
Actuator Housing Support Bracket Contacts Terminals Brass, Chrome Plated 4/6 Nylon, Glass Filled, Flame Retardant Heat Stabilized, UL94V-0 Steel, Tin Plated Copper Alloy, Silver Plated Copper Alloy, Silver Plated Process Sealed
- E222871
ORDERING INFORMATION
Series: AST 1 1 T N AST Number of Poles: 1 = SPDT 2 = DPDT 3 = 3PDT Switch Function: 1 = ON-NONE-ON 2 = ON-NONE-(ON) 3 = ON-OFF-ON 4 = (ON)-OFF-(ON) 5 = ON-OFF-(ON) 6 = ON-ON-ON **Only in DPDT models Actuator: T = 7.62mm, Std S = 12.70mm, Std P1 = 7.62mm, Plastic, Anti-Static P2 = 12.70mm, Plastic, Anti-Static Bushing: E = 8.89mm, Threaded 1/4-40 UNS-2A N = 6.10mm, Non-Threaded Terminals: B = Solder Lug C = PC Pin D = Quick Connect H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in V = Vertical Mount, Right Angle PC Pin; VS = Snap-in S20 = PC Pin with Support Bracket; V20 = Snap-in Support Bracket S25 = PC Pin with Support Bracket; V25 = Snap-in Support Bracket Contacts: Q = Silver Plated R = Gold Plated G = Gold over Silver Plated
H
Q
www.citswitch.com
page 126 phone - 763.535.2339 fax - 763.535.2194
AST
SWITCH FUNCTION
Toggle Position
Function
1 2 3
SPDT
ON ON ON (ON) ON 2-3
NONE NONE OFF OFF OFF
ON (ON) ON (ON) (ON) 2-1
4 5
Terminals
---
Toggle Position
Function
1 2 3 4 5
DPDT Terminals
ON ON ON (ON) ON 2-3 ON 2-3 5-6
NONE NONE OFF OFF OFF
ON (ON) ON (ON) (ON) 2-1 ON 2-1 5-4
--ON 2-3 5-4
6
Terminals
Toggle Position
Function
3PDT
1 2 3 4 5
Terminals
ON ON ON (ON) ON 2-3 5-6 8-9
NONE NONE OFF OFF OFF
ON (ON) ON (ON) (ON) 2-1 5-4 8-7
---
ACTUATOR OPTIONS
** Actuator lengths shown with N bushing, subtract 2.15mm for E bushing
T
S
page 127
P1
P2
www.citswitch.com
phone - 763.535.2339 fax - 763.535.2194
AST
BUSHING OPTIONS
E
N
PANEL MOUNTING
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
B (3 Pole)
C (Single Pole)
C (Double Pole)
C (3 Pole)
D (Single Pole)
D (Double Pole)
page 128
D (3 Pole)
www.citswitch.com
phone - 763.535.2339 fax - 763.535.2194
AST
TERMINAL OPTIONS
H (HS - Snap-in) = Horizontal Mount, Right Angle PC Pins (Single Pole)
H (HS - Snap-in) = Horizontal Mount, Right Angle PC Pins (Double Pole)
V (VS - Snap-in) = Vertical Mount, Right Angle PC Pins (Single Pole)
V (VS - Snap-in) = Vertical Mount, Right Angle PC Pins (Double Pole)
www.citswitch.com
page 129 phone - 763.535.2339 fax - 763.535.2194
AST
TERMINAL OPTIONS
V (VS - Snap-in) = Vertical Mount, Right Angle PC Pins (Three Pole)
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Single Pole)
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Double Pole)
www.citswitch.com
page 130 phone - 763.535.2339 fax - 763.535.2194
AST
TERMINAL OPTIONS
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Three Pole)
CONTACT OPTIONS
Designator Contact Material
Q R G Silver Plating Gold over Nickel Plating Gold over Silver Plating
Terminal Material
Silver Plating Gold over Nickel Plating Gold over Silver Plating
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC .4 VA max @ 20VAC or VDC max .4 VA max @ 20VAC or VDC max or 5A @ 120VAC, 28VDC; 2A @ 250VAC
HARDWARE **Two hex nuts, one lock washer, & one locking ring supplied standard with threaded bushings
Hex Nut
Lock Washer
Locking Ring
Dress Nut
Knurled Nut
Knurled Nut
**For use with E Bushing
www.citswitch.com
page 131 phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of AST14P1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X